PART |
Description |
Maker |
SESD5D3V3 |
Electro-static Discharge
|
Shenzhen Luguang Electronic Technology Co., Ltd
|
TUSD05EB |
Electro-Static Discharge TUSD05EB Bidirectional TVS Diode
|
StarHope
|
TESD12EU |
Electro-Static Discharge TESD12EU Unidirectional TVS Diode
|
StarHope
|
UPD4265400G5-A50 UPD4265400G5-A60 UPD4265400G5-A70 |
2M x 8 Static RAM 256K x 4 Static RAM x4快速页面模式的DRAM 512K x 32 Static RAM x4快速页面模式的DRAM 3.3V 16K/32K x 36 FLEx36™ Synchronous Dual-Port Static RAM x4快速页面模式的DRAM x4 Fast Page Mode DRAM x4快速页面模式的DRAM 512K x 24 Static RAM x4快速页面模式的DRAM 2-Mbit (128K x 16) Static RAM x4快速页面模式的DRAM 128K x 8 Static RAM 128K的8静态RAM x4FastPageModeDRAM
|
Elpida Memory, Inc. EPCOS AG STMicroelectronics N.V. NEC, Corp.
|
EDS12-2M |
ELECTRO-PNEUMATIC CONVERTER
|
Fuji Electric
|
EDS12-1K |
ELECTRO-PNEUMATIC POSITIONER
|
Fuji Electric
|
K6R4016C1D-JC10 K6R4008V1D-TI10 K6R4008V1D-UI10 K6 |
256Kx16 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges. 256Kx16位高速静态RAM.0V操作)。在经营商业和工业温度范围 256Kx16 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges. 256Kx16位高速静RAM.0V操作)。在经营商业和工业温度范围 CAP,ELECTRO,1000UF,25V DIODE,RECT,1A 400V SMD MELF PCB Relay; Contacts:SPDT; Coil Voltage AC Max:120V; Contact Carry Current:30A; Coil Resistance:3000ohm; Mounting Type:PCB; Relay Terminals:Quick Connect; Relay Mounting:PC Board; Contact Rating:30A; Switch Function:SPDT Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 470uF; Voltage: 63V; Case Size: 12.5x20 mm; Packaging: Bulk
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
I10-HA113 6025050 |
ELECTRO-MECHANICAL SAFETY SWITCHES
|
SICK AG
|
I10-RA213 6025085 |
ELECTRO-MECHANICAL SAFETY SWITCHES
|
SICK AG
|
HC0901A HC0905A HC0903A |
Electro-Magnetic Sound Generators
|
JL World Company Limited.
|